PART |
Description |
Maker |
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
2SA2118 |
Power Device - Power Transistors - General-Purpose power amplification Power Transistors Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
AT73C203 |
Power Management IC for Datacom Platforms 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PBGA100 The AT73C203 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with portable and hand-held applications built around microprocessors requiring smart power management functions. It includes all r
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT73C224-A AT73C224-B AT73C224-E AT73C224-G AT73C2 |
Power Management and Analog Companions (PMAAC) 1-CHANNEL POWER SUPPLY SUPPORT CKT, QCC32 Ultra-low Power Real-time Clock (RTC) and Backup Battery Management Activation of the Power Management Modules via Dedicated Enable Pin
|
聚兴科技股份有限公司 ATMEL Corporation
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
2SC5505 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN epitaxial planar type
|
Panasonic Semiconductor
|
ATMEGA103-14 |
AVR ?High-performance and Low-power RISC Architecture Power Consumption when Using Slowly Rising Power Supply
|
ATMEL Corporation
|
MAX5941A06 MAX5941A MAX5941B MAX5941ACSE-T |
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Maxim Integrated Products, Inc.
|
2SD1445A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD1272 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|